PART |
Description |
Maker |
H8SX1544 |
Renesas 32-Bit CISC Microcomputer H8SX Family/H8SX/1500 Series
|
Renesas Electronics Corporation
|
R5F61655D50LGV R5F61655N50FPV R5F61655N50LGV |
Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
|
Renesas Electronics Corporation
|
R5F61622 |
Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
|
Renesas Electronics Corporation
|
R5S61651C R5S61651CFPV |
Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
|
Renesas Electronics Corporation
|
H8SX1650 |
Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
|
Renesas Electronics Corporation
|
KLNR8 KLNR5 KLNR6 KLNR4 KLNR70 KLNR50 KLNR90 KLNR6 |
Execution Time (ns): 50 (@20MHz); Operating Frequency / Supply Voltage: 20MHz/3.0 to 5.5V, 10MHz/2.7 to 5.5V, 5MHz/2.2 to 5.5V; Operating Ambient Temperature Execution Time (ns): 50 (@20MHz); Operating Frequency / Supply Voltage: 20MHz/3.0 to 5.5V, 10MHz/2.7 to 5.5V; Operating Ambient Temperature (°C): -40 R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 32K; RAM: 1.5K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 24K; RAM: 1.5K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 16K 2K; RAM: 1K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 8K; RAM: 512; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 8K 2K; RAM: 512; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 16K; RAM: 1K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction General Purpose Fuses
|
Littelfuse, Inc.
|
4506 M34506M2-XXXFP M34506M4-XXXFP M34506E4FP |
4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
|
Renesas Electronics Corporation
|
Z16F2810VH20SG Z16F2810VH20AG Z16F2810VH20EG Z16F2 |
ZNEO? Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
|
Zilog, Inc.
|
7540M M37540M4T-XXXFP M37540E8V-XXXFP M37540E8T-XX |
8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
|
Renesas Electronics Corporation
|
R5F7125 R5F71252D50FA R5F71252D50FP R5F71252N50FA |
Renesas 32-Bit RISC Microcomputer SuperH⑩ RISC engine Family Renesas 32-Bit RISC Microcomputer SuperH垄芒 RISC engine Family
|
Renesas Electronics Corporation
|
SH7124 SH7125 |
Renesas 32-Bit RISC Microcomputer
|
Renesas Electronics Corporation
|
H8S_2194A HD6432194A H8S_2194B HD6432194B H8S_2194 |
Renesas 16-Bit Single-Chip Microcomputer
|
Renesas Electronics Corporation
|